PART |
Description |
Maker |
RFP50N06LE RFG50N06LE RF1S50N06LESM FN4072 F50N06L |
CAP Tantalum-Wet Miniature 6V 8.0 uF /-5% Silver can Axial High Reliability , TPC - Hilton 50A/ 60V/ 0.022 Ohm/ Logic Level N-Channel Power MOSFETs From old datasheet system 50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
STP55NF06FP STB55NF06-1 |
N-CHANNEL 60V - 0.017 OHM - 50A TO-220/TO-220FP/I2PAK STRIPFET II POWER MOSFET
|
ST Microelectronics
|
STD30NF06L STD30NF06L-1 STD30NF06LT4 |
N-CHANNEL 60V 0.022 OHM 35A DPAK / IPAK STRIPFET II POWER MOSFET N-CHANNEL 60V 0.022 OHM 35A DPAK / IPAK STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET POWER MOSFET N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET⑩ POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HRFZ44N |
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET 49 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDD13AN06A0 FDD13AN06A0NL |
RECTIFIER SCHOTTKY SINGLE 3A 40V 80A-ifsm 0.5V-vf 0.5mA-ir DO-201AD 500/BULK 9.9 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel PowerTrench MOSFET, 60V, 50A, 0.0135
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RFP12N06RLE RFD12N06RLESM RFD12N06RLE FN2407 |
From old datasheet system 12A/ 60V/ 0.135 Ohm/ N-Channel/ Logic Level/ Power MOSFETs 12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs(12A, 60V, 0.135 Ω, N沟道,逻辑电平,功率MOS场效应管) 12 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
INTERSIL[Intersil Corporation] Fairchild Semiconductor, Corp.
|
HUFA76429D3ST HUFA76429D3 HUFA76429D3S |
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 20A I(D) | TO-252AA 20 A, 60 V, 0.029 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Fairchild Semiconductor, Corp.
|
HUF76423D3 HUF76423D3S HUF76423D3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 20A I(D) | TO-252AA 20 A, 60 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild 20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFETPower MOSFETFairchild
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
STD40NE03L STD40NE03LT4 |
20 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-CHANNEL 30V - 0.012 OHM - 40A TO-252 STRIPFET POWER MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
FDD13AN06A010 FDD26AN06-F085 |
N-Channel PowerTrench? MOSFET 60V, 50A, 13.5mΩ
|
Fairchild Semiconductor
|
|